PART |
Description |
Maker |
FDB035AN06A0 FDB035AN06A0NL |
N-Channel PowerTrench MOSFET 60V/ 80A/ 3.5m N-Channel PowerTrench MOSFET 60V, 80A, 3.5mз Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 80A, 0.0035 Ohms @ VGS = 10V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V, 80A, 3.5mOhm
|
FAIRCHILD[Fairchild Semiconductor]
|
STS4DNF60L 6121 STS4DNF60 |
N-Channel 60V-0.045Ω-4A SO-8 STripFET Power MOSFET(N沟道功率MOSFET) N沟道60V的,0.045Ω- 4A条的SO - 8 STripFET功率MOSFET(不适用沟道功率MOSFET的) N - CHANNEL 60V - 0.045 - 4A SO-8 STripFET TM POWER MOSFET N-CHANNEL POWER MOSFET From old datasheet system N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FDD5612 |
2MM SOCKET STRIPS 60V N-Channel PowerTrench?/a> MOSFET 60V N-Channel PowerTrench⑩ MOSFET 60V N-Channel PowerTrench MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
STP16NE06 STP16NE06FP 5315 P16NE |
11 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel 60V-0.08Ω-16A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V0.08Ω- 16A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N-CHANNEL Power MOSFET From old datasheet system N - CHANNEL 60V - 0.08 - 16A - TO-220/TO-220FP STripFET? POWER MOSFET N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET N-CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FDP13AN06A FDP13AN06A0 FDB13AN06A0 FDB13AN06A0NL |
N-Channel PowerTrench MOSFET 60V, 62A, 13.5mohm N-Channel PowerTrench MOSFET 60V/ 62A/ 13.5m N-Channel PowerTrench MOSFET, 60V, 62A, 0.0135 Ohms 62 A, 60 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-Channel PowerTrench MOSFET 60V, 62A, 13.5mз 62 A, 60 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
ZVN4206AV |
N-channel MOSFET N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET MOSFET N-CH 60V 600MA TO-92 600 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
RFT3055 RFT3055LE HGTG20N120CND FN4537 |
2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET 2.0安培0V的,0.150 Ohm的N通道,逻辑层次,额定静电,功率MOSFET 2.0A/ 60V/ 0.150 Ohm/ N-Channel/ Logic Level/ ESD Rated/ Power MOSFET 63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 2.0A 60V 0.150 Ohm N-Channel Logic Level ESD Rated Power MOSFET From old datasheet system
|
Fairchild Semiconductor, Corp. INTERSIL[Intersil Corporation]
|
FDS568208 FDS5682 |
N-Channel PowerTrench® MOSFET 60V, 7.5A, 21mOhms N-Channel PowerTrench MOSFET 60V, 7.5A, 21m ohm
|
Fairchild Semiconductor
|
IRFIZ48V IRFIZ48 IRFIZ48VPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=39A)
|
IRF[International Rectifier]
|
STN3NE06L 6045 |
N-CHANNEL 60V - 0.08 OMH - 3A - SOT-223 - STRIPFET POWER MOSFET N - CHANNEL 60V - 0.10 ohm - 3A - SOT-223 STripFETO POWER MOSFET N - CHANNEL 60V - 0.10 - 3A - SOT-223 STripFET TM POWER MOSFET From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STB60NF06 STP9NC60FP STB60NF06T4 |
N-CHANNEL 60V 0.014 OHM 60A D2PAK STRIPFET POWER MOSFET N-CHANNEL 60V 0.014 OHM 60A D2PAK STRIPFET POWER MOSFET N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET?/a> POWER MOSFET N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET POWER MOSFET N-CHANNEL 60V - 0.014W - 60A D2PAK
STripFET™ POWER MOSFET N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|